Part Number Hot Search : 
BCR10 78R05F 1000B PCT1600A 13003 EDZ13B C3835G SG330
Product Description
Full Text Search
 

To Download BAT54SW-7-F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BAT54W /AW /CW /SW
SURFACE MOUNT SCHOTTKY BARRIER DIODE
Please click here to visit our online spice models database.
Features
* * * * * * * Low Forward Voltage Drop Fast Switching Ultra-Small Surface Mount Package PN Junction Guard Ring for Transient and ESD Protection Lead Free/RoHS Compliant (Note 2) Qualified to AEC-Q101 Standards for High Reliability "Green" Device (Note 3 and 4)
Mechanical Data
* * * * * * * * * Case: SOT-323 Case Material: Molded Plastic, "Green" Molding Compound, Note 5. UL Flammability Classification Rating 94V-0 Moisture Sensitivity: Level 1 per J-STD-020D Terminals: Solderable per MIL-STD-202, Method 208 Lead Free Plating (Matte Tin Finish annealed over Alloy 42 leadframe). Polarity: See Diagrams Below Marking Information: See Page 3 Ordering Information: See Page 3 Weight: 0.006 grams (approximate)
Top View
BAT54W-KL5
BAT54AW-KL6
BAT54CW-KL7
BAT54SW-KL8
Maximum Ratings
@TA = 25C unless otherwise specified Symbol VRRM VRWM VR IF IFRM @ t < 1.0s IFSM Value 30 200 300 600 Unit V mA mA mA
Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage Forward Continuous Current (Note 1) Repetitive Peak Forward Current (Note 1) Forward Surge Current (Note 1)
Thermal Characteristics
Characteristic Power Dissipation (Note 1) Thermal Resistance Junction to Ambient Air (Note 1) Operating and Storage Temperature Range
Notes: 1. 2. 3. 4.
Symbol PD RJA TJ, TSTG
Value 200 625 -65 to +125
Unit mW C/W C
Mounted on FR-4 PC board with recommended pad layout which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf. No purposefully added lead. Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com/products/lead_free/index.php. Product manufactured with Date Code 0627 (week 27, 2006) and newer are built with Green Molding Compound. Product manufactured prior to Date Code 0627 are built with Non-Green Molding Compound and may contain Halogens or Sb2O3 Fire Retardants.
BAT54W /AW /CW /SW
Document number: DS30065 Rev. 11 - 2
1 of 4 www.diodes.com
July 2008
(c) Diodes Incorporated
BAT54W /AW /CW /SW Electrical Characteristics
Characteristic Reverse Breakdown Voltage (Note 5) @TA = 25C unless otherwise specified Symbol V(BR)R Min 30 Typ Max 240 320 400 500 1000 2.0 10 5.0 Unit V Test Condition IR = 100A IF = 0.1mA IF = 1mA IF = 10mA IF = 30mA IF = 100mA VR = 25V VR = 1.0V, f = 1.0MHz IF = 10mA through IR = 10mA to IR = 1.0mA, RL = 100
Forward Voltage
VF
mV
Reverse Leakage Current (Note 5) Total Capacitance Reverse Recovery Time
Notes: 5. Short duration pulse test used to minimize self-heating effect.
IR CT trr


A pF ns
IF, INSTANTANEOUS FORWARD CURRENT (A)
1
100
10
0.1
1
0.01
0.1
0.001
0.01
0.0001
0.001
0.4 1.0 0.2 0.8 0 0.6 VF, INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 1 Typical Forward Characteristics 300 PD, POWER DISSIPATION (mW) 250
0
5 10 15 20 30 25 VR, INSTANTANEOUS REVERSE VOLTAGE (V) Fig. 2 Typical Reverse Characteristics
12
CT, TOTAL CAPACITANCE (pF)
10
8
200
6
150
4
100
2
50
0
0
5
10
15
20
25
30
0
0
25 50 75 100 125 TA, AMBIENT TEMPERATURE (C) Fig. 4 Power Derating Curve
150
BAT54W /AW /CW /SW
Document number: DS30065 Rev. 11 - 2
2 of 4 www.diodes.com
July 2008
(c) Diodes Incorporated
BAT54W /AW /CW /SW Ordering Information
Part Number BAT54W-7-F BAT54AW-7-F BAT54CW-7-F BAT54SW-7-F
Notes:
(Note 4 & 6) Case SOT-323 SOT-323 SOT-323 SOT-323 Packaging 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel
6. For packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
xxx = Product Type Marking Code KL5 = BAT54W KL6 = BAT54AW KL7 = BAT54CW KL8 = BAT54SW YM = Date Code Marking Y = Year (ex: N = 2002) M = Month (ex: 9 = September)
xxx
Date Code Key Year 2000 Code L Month Code Jan 1
2001 M
2002 N Feb 2
2003 P Mar 3
2004 R Apr 4
2005 S
YM
2006 T
2007 U Jun 6
2008 V Jul 7
2009 W
2010 X
2011 Y Sep 9
2012 Z Oct O
2013 A
2014 B
2015 C Dec D
May 5
Aug 8
Nov N
Package Outline Dimensions
A
TOP VIEW
BC
G H K M
J
D
F
L
SOT-323 Dim Min Max Typ A 0.25 0.40 0.30 B 1.15 1.35 1.30 C 2.00 2.20 2.10 D 0.65 F 0.30 0.40 0.425 G 1.20 1.40 1.30 H 1.80 2.20 2.15 J 0.0 0.10 0.05 K 0.90 1.00 1.00 L 0.25 0.40 0.30 M 0.10 0.18 0.11 8 0 All Dimensions in mm
Suggested Pad Layout
Y Z C
Dimensions Value (in mm) 2.8 Z X 0.7 Y 0.9 C 1.9 E 1.0
X
E
BAT54W /AW /CW /SW
Document number: DS30065 Rev. 11 - 2
3 of 4 www.diodes.com
July 2008
(c) Diodes Incorporated
BAT54W /AW /CW /SW
IMPORTANT NOTICE Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes without further notice to any product herein. Diodes Incorporated does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on our website, harmless against all damages. LIFE SUPPORT Diodes Incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written approval of the President of Diodes Incorporated.
BAT54W /AW /CW /SW
Document number: DS30065 Rev. 11 - 2
4 of 4 www.diodes.com
July 2008
(c) Diodes Incorporated


▲Up To Search▲   

 
Price & Availability of BAT54SW-7-F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X